| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP9804T-E/MS Fiches technique(PDF) 32 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP9804T-E/MS Fiches technique(HTML) 32 Page - Microchip Technology |
|
32 / 52 page ![]() MCP9804 DS22203C-page 32 © 2009-2012 Microchip Technology Inc. FIGURE 5-10: Alert Output Conditions. TUPPER TLOWER TCRIT TA TUPPER – THYST Comparator Interrupt S/w Int. Clear Critical Only TCRIT – THYST 12 3 4 5 7 Notes Alert Output Boundary Conditions Comparator Interrupt Critical TA Bits Alert Output (Active-Low/High) 15 14 13 1TA ≥ TLOWER High/Low Low/High High/Low 00 0 2TA < TLOWER – THYST Low/High Low/High High/Low 00 1 3TA > TUPPER Low/High Low/High High/Low 01 0 4 TA ≤ TUPPER – THYST High/Low Low/High High/Low 00 0 5 TA ≥ TCRIT Low/High Low/High Low/High 11 0 6 When TA ≥ TCRIT, the Alert output is forced to Comparator mode and the CONFIG<0> (Alert Output Mode bit) is ignored until TA < TCRIT – THYST. In the Interrupt mode, if the interrupt is not cleared (bit 5 of CONFIG), as shown in the diagram at Note 6, then Alert will remain asserted at Note 7 until the interrupt is cleared by the controller. 7TA < TCRIT – THYST Low/High High/Low High/Low 01 0 TLOWER – THYST TLOWER – THYST TUPPER – THYST 13 42 Notes: 6 Comparator Interrupt S/w Int. Clear Critical Only |