Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP9804-E/MS Fiches technique(PDF) 47 Page - Microchip Technology

No de pièce MCP9804-E/MS
Description  짹0.25째C Typical Accuracy Digital Temperature Sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9804-E/MS Fiches technique(HTML) 47 Page - Microchip Technology

Back Button MCP9804-E/MS Datasheet HTML 43Page - Microchip Technology MCP9804-E/MS Datasheet HTML 44Page - Microchip Technology MCP9804-E/MS Datasheet HTML 45Page - Microchip Technology MCP9804-E/MS Datasheet HTML 46Page - Microchip Technology MCP9804-E/MS Datasheet HTML 47Page - Microchip Technology MCP9804-E/MS Datasheet HTML 48Page - Microchip Technology MCP9804-E/MS Datasheet HTML 49Page - Microchip Technology MCP9804-E/MS Datasheet HTML 50Page - Microchip Technology MCP9804-E/MS Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 52 page
background image
© 2009-2012 Microchip Technology Inc.
DS22203C-page 47
MCP9804
APPENDIX B: REVISION HISTORY
Revision C (January 2012)
The following is the list of modifications:
1.
Typographical edits were made to the
“Digital
Input/Output Pin Characteristics” table.
2.
The
“Sensor
Serial
Interface
Timing
Specifications” table is updated with the 400
kHz timing specification.
3.
Added typical specifications for accuracy drift
and repeatability.
Revision B (December 2009)
The following is the list of modifications:
1.
Updated
the
resolution
parameter
in
the
“Temperature Sensor DC Characteristics”
table.
2.
Updated
Figure 5-7.
3.
Updated
Figure 5-10.
4.
Updated Source Code in Appendix A.
Revision A (September 2009)
• Original Release of this Document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52