| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP9902T-2E/RW Fiches technique(PDF) 19 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP9902T-2E/RW Fiches technique(HTML) 19 Page - Microchip Technology |
|
19 / 50 page ![]() 5.6 Register Description TABLE 5-7: REGISTER SET IN HEXADECIMAL ORDER Register Address Register Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Por Value 00h INT TEMP HIGH BYTE IHB7 IHB6 IHB5 IHB4 IHB3 IHB2 IHB1 IHB0 00h 01h EXT1 TEMP HIGH BYTE E1HB7 E1HB6 E1HB5 E1HB4 ETHB3 E1HB2 E1HB1 E1HB0 00h 02h STATUS BUSY IHIGH ILOW EHIGH ELOW FAULT ETHRM ITHRM 00h 03h CONFIG MSKAL R/S AT/THM RECD1 RECD2 RANGE DA_DIS APDD 00h 04h CONVERT SLEEP — — — CONV3 CONV2 CONV1 CONV0 06h (4/sec) 05h INT DIODE HI LIMIT TEMP IDHL7 IDHL6 IDHL5 IDHL4 IDHL3 IDHL2 IDHL1 IDHL0 55h (+85°C) 06h INT DIODE LO LIMIT TEMP IDLL7 IDLL6 IDLL5 IDLL4 IDLL3 IDLL2 IDLL1 IDLL0 00h (0°C) 07h EXT1 HI LIMIT TEMP HI BYTE E1HLH7 E1HLH6 E1HLH5 E1HLH4 E1HLH3 E1HLH2 E1HLH1 E1HLH0 55h (+85°C) 08h EXT1 LO LIMIT TEMP HI BYTE E1LLH7 E1LLH6 E1LLH5 E1LLH4 E1LLH3 E1LLH2 E1LLH1 E1LLH0 00h (0°C) 09h CONFIG MSKAL R/S AT/THM RECD1 RECD2 RANGE DA_DIS APDD 00h 0Ah CONVERT STOP — — — CONV3 CONV2 CONV1 CONV0 06h (4/sec) 0Bh INT DIODE HI LIMIT TEMP IDHL7 IDHL6 IDHL5 IDHL4 IDHL3 IDHL2 IDHL1 IDHL0 55h (+85°C) 0Ch INT DIODE LO LIMIT TEMP IDLL7 IDLL6 IDLL5 IDLL4 IDLL3 IDLL2 IDLL1 IDLL0 00h (0°C) 0Dh EXT1 HI LIMIT TEMP HI BYTE E1HLH7 E1HLH6 E1HLH5 E1HLH4 E1HLH3 E1HLH2 E1HLH1 E1HLH0 55h (+85°C) 0Eh EXT1 LO LIMIT TEMP HI BYTE E1LLH7 E1LLH6 E1LLH5 E1LLH4 E1LLH3 E1LLH2 E1LLH1 E1LLH0 00h (0°C) 0Fh ONE SHOT ONSH7 ONSH6 ONSH5 ONSH4 ONSH3 ONSH2 ONSH1 ONSH0 00h 10h EXT1 TEMP LO BYTE E1LB2 E1LB1 E1LB0 — — — — —00h 11h SCRTCHPD1 SPD17 SPD16 SPD15 SPD14 SPD13 SPD12 SPD11 SPD10 00h 12h SCRTCHPD2 SPD27 SPD26 SPD25 SPD24 SPD23 SPD22 SPD21 SPD20 00h 13h EXT1 HI LIM TEMP LO BYTE E1HLL2 E1HLL1 E1HLL0 — — — — —00h 14h EXT1 LO LIMIT TEMP LO BYTE E1LLL2 E1LLL1 E1LLL0 — — — — —00h 15h EXT2 HI LIMIT TEMP HI BYTE E2HLH7 E2HLH6 E2HLH5 E2HLH4 E2HLH3 E2HLH2 E2HLH1 E2HLH0 55h (+85°C) |