| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP9902 Fiches technique(PDF) 42 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP9902 Fiches technique(HTML) 42 Page - Microchip Technology |
|
42 / 50 page ![]() MCP9902/3/4 DS20005382C-page 42 2015-2016 Microchip Technology Inc. B A 0.10 C 0.10 C (DATUM B) (DATUM A) C SEATING PLANE NOTE 1 12 N 2X TOP VIEW SIDE VIEW BOTTOM VIEW For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging Note: NOTE 1 12 N 0.10 C 0.05 C Microchip Technology Drawing C04-206A Sheet 1 of 2 10-Lead Very Thin Plastic Dual Flat, No Lead Package (9Q) - 3x3 mm Body [VDFN] 2X D E D2 E2 K L 10X b e 0.10 C A B 0.05 C A A1 (A3) 10X |