Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MD200C08D2 Fiches technique(PDF) 12 Page - Microchip Technology

No de pièce MD200C08D2
Description  Motion Module
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MD200C08D2 Fiches technique(HTML) 12 Page - Microchip Technology

Back Button MD200C08D2 Datasheet HTML 8Page - Microchip Technology MD200C08D2 Datasheet HTML 9Page - Microchip Technology MD200C08D2 Datasheet HTML 10Page - Microchip Technology MD200C08D2 Datasheet HTML 11Page - Microchip Technology MD200C08D2 Datasheet HTML 12Page - Microchip Technology MD200C08D2 Datasheet HTML 13Page - Microchip Technology MD200C08D2 Datasheet HTML 14Page - Microchip Technology MD200C08D2 Datasheet HTML 15Page - Microchip Technology MD200C08D2 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
MM7150
DS00001888B-page 12
 2015 - 2016 Microchip Technology Inc.
4.0
MM7150 HOST INTERFACE
4.1
I2C
The MM7150 can be connected to a host via the I2C interface. The I2C interface is compliant with the I2C standard
described in [4], at speeds up to 400KHz. Above the transport layer, the protocol used by the MM7150 is the same HID
protocol used when communicating over USB. The mapping of HID over I2C is defined in Reference [3]. The protocol
and the interface, taken together, are compliant with Windows 8/8.1 certification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28