| Moteur de recherche de fiches techniques de composants électroniques |
|
KLI-4104-RAA-CP-AE Fiches technique(PDF) 2 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
KLI-4104-RAA-CP-AE Fiches technique(HTML) 2 Page - ON Semiconductor |
|
2 / 28 page ![]() KLI−4104 www.onsemi.com 2 ORDERING INFORMATION Table 2. ORDERING INFORMATION − KLI−4104 IMAGE SENSOR Part Number Description Marking Code KLI−4104−AAA−CB−AA Monochrome, No Microlens, CERDIP Package (Sidebrazed), Clear Cover Glass (No Coatings), Standard Grade KLI−4104−A (Lot Code) (Serial Number) KLI−4104−AAA−CB−AE Monochrome, No Microlens, CERDIP Package (Sidebrazed), Clear Cover Glass (No Coatings), Engineering Sample KLI−4104−AAA−CP−AA Monochrome, No Microlens, CERDIP Package (Sidebrazed), Taped Clear Cover Glass (No Coatings), Standard Grade KLI−4104−AAA−CP−AE Monochrome, No Microlens, CERDIP Package (Sidebrazed), Taped Clear Cover Glass (No Coatings), Engineering Sample KLI−4104−RAA−CB−AA Gen2 Color (RGB), No Microlens, CERDIP Package (Sidebrazed), Clear Cover Glass (No Coatings), Standard Grade KLI−4104−R (Lot Code) (Serial Number) KLI−4104−RAA−CB−AE Gen2 Color (RGB), No Microlens, CERDIP Package (Sidebrazed), Clear Cover Glass (No Coatings), Engineering Sample KLI−4104−RAA−CP−AA Gen2 Color (RGB), No Microlens, CERDIP Package (Sidebrazed), Taped Clear Cover Glass (No Coatings), Standard Grade KLI−4104−RAA−CP−AE Gen2 Color (RGB), No Microlens, CERDIP Package (Sidebrazed), Taped Clear Cover Glass (No Coatings), Engineering Sample KLI−4104−DAA−CB−AA* Gen1 Color (RGB), No Microlens, CERDIP Package (Sidebrazed), Clear Cover Glass (No Coatings), Standard Grade KLI−4104−D (Lot Code) (Serial Number) KLI−4104−DAA−CB−AE* Gen1 Color (RGB), No Microlens, CERDIP Package (Sidebrazed), Clear Cover Glass (No Coatings), Engineering Sample KLI−4104−DAA−CP−AA* Gen1 Color (RGB), No Microlens, CERDIP Package (Sidebrazed), Taped Clear Cover Glass (No Coatings), Standard Grade KLI−4104−DAA−CP−AE* Gen1 Color (RGB), No Microlens, CERDIP Package (Sidebrazed), Taped Clear Cover Glass (No Coatings), Engineering Sample *Not recommended for new designs. Table 3. ORDERING INFORMATION − EVALUATION SUPPORT Part Number Description KLI−4104−12−30−A−EVK Evaluation Board (Complete Kit) See the ON Semiconductor Device Nomenclature document (TND310/D) for a full description of the naming convention used for image sensors. For reference documentation, including information on evaluation kits, please visit our web site at www.onsemi.com. |
|
Lien URL |
| ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Lien vers la fiche technique | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |