| Moteur de recherche de fiches techniques de composants électroniques |
|
C5SME-RJE-CS34QBB1 Fiches technique(PDF) 11 Page - Cree, Inc |
|
|
|||||||||||||||||||||||||||||
C5SME-RJE-CS34QBB1 Fiches technique(HTML) 11 Page - Cree, Inc |
|
11 / 11 page ![]() Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks of Cree, Inc. 11 Copyright © 2014 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc. 11 Cree 5-mm Oval LED C5SMF-RJF/GJF/BJF C5SMF-RJE/GJE/BJE C5SME-RJF/RJE PACKAGING Features: • The LEDs are packed in cardboard boxes after packaging in normal or anti-electrostatic bags. • Cardboard boxes will be used to protect the LEDs from mechanical shock during transportation. • The boxes are not water resistant, and they must be kept away from water and moisture. • The Bulk Pack types of packaging. • Max 500 pcs per bulk and Max 2500 pcs per ammo. Bulk Pack Packaging Type: 20 bags/carton Label COLOR LED LAMP JOWAXXXXX -XX-XXX AXXXXXXXXXXX (anti-electrostatic bag) Hue TYPE QTY RANK LOT Iv xxx xxx Vf ( ) XX ( ) LXXXXXXXX-XXX PCS X ( ) XX R Ammo Pack Packaging Type: TYPE LXXXXXXXX-XXX PCS X QTY RANK LOT Iv JOWAXXXXX -XX-XXX XX AXXXXXXXXXXX XX Vf Hue ( ) ( ) ( ) xxx xxx COLOR LED LAMP ANODE |