| Moteur de recherche de fiches techniques de composants électroniques |
|
C566C-RFF/RFE Fiches technique(PDF) 5 Page - Cree, Inc |
|
|
|||||||||||||||||||||||||||||
C566C-RFF/RFE Fiches technique(HTML) 5 Page - Cree, Inc |
|
5 / 10 page ![]() Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks of Cree, Inc. 5 Copyright © 2014 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc. 5 Cree 5-mm Oval LED C566C-RFF/GFF/BFF/AFF C566C-RFE/GFE/BFE/AFE ORDER CODE TABLE* Color Kit Number Luminous Intensity (mcd) Dominant Wavelength Package Standoff Min. Max. Color Bin Min. (nm) Color Bin Max. (nm) Blue C566C-BFF-CT0V0351 1100 3000 B3 460 B5 475 Bulk Yes Blue C566C-BFF-CT0U0341 1100 2130 B3 460 B4 470 Bulk Yes Blue C566C-BFF-CT0U0451 1100 2130 B4 465 B5 475 Bulk Yes Blue C566C-BFF-CU0V0341 1520 3000 B3 460 B4 470 Bulk Yes Blue C566C-BFF-CU0V0451 1520 3000 B4 465 B5 475 Bulk Yes Blue C566C-BFE-CT0V0351 1100 3000 B3 460 B5 475 Bulk No Blue C566C-BFE-CT0U0341 1100 2130 B3 460 B4 470 Bulk No Blue C566C-BFE-CT0U0451 1100 2130 B4 465 B5 475 Bulk No Blue C566C-BFE-CU0V0341 1520 3000 B3 460 B4 470 Bulk No Blue C566C-BFE-CU0V0451 1520 3000 B4 465 B5 475 Bulk No Blue C566C-BFF-CT0V0352 1100 3000 B3 460 B5 475 Ammo Yes Blue C566C-BFF-CT0U0342 1100 2130 B3 460 B4 470 Ammo Yes Blue C566C-BFF-CT0U0452 1100 2130 B4 465 B5 475 Ammo Yes Blue C566C-BFF-CU0V0342 1520 3000 B3 460 B4 470 Ammo Yes Blue C566C-BFF-CU0V0452 1520 3000 B4 465 B5 475 Ammo Yes Blue C566C-BFE-CT0V0352 1100 3000 B3 460 B5 475 Ammo No Blue C566C-BFE-CT0U0342 1100 2130 B3 460 B4 470 Ammo No Blue C566C-BFE-CT0U0452 1100 2130 B4 465 B5 475 Ammo No Blue C566C-BFE-CU0V0342 1520 3000 B3 460 B4 470 Ammo No Blue C566C-BFE-CU0V0452 1520 3000 B4 465 B5 475 Ammo No |