Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

C566C-RFF Fiches technique(PDF) 5 Page - Cree, Inc

No de pièce C566C-RFF
Description  Cree Screen Master 5-mm Oval LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CREE [Cree, Inc]
Site Internet  http://www.cree.com/
Logo CREE - Cree, Inc

C566C-RFF Fiches technique(HTML) 5 Page - Cree, Inc

  C566C-RFF Datasheet HTML 1Page - Cree, Inc C566C-RFF Datasheet HTML 2Page - Cree, Inc C566C-RFF Datasheet HTML 3Page - Cree, Inc C566C-RFF Datasheet HTML 4Page - Cree, Inc C566C-RFF Datasheet HTML 5Page - Cree, Inc C566C-RFF Datasheet HTML 6Page - Cree, Inc C566C-RFF Datasheet HTML 7Page - Cree, Inc C566C-RFF Datasheet HTML 8Page - Cree, Inc C566C-RFF Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
5
Copyright © 2014 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
5
Cree 5-mm Oval LED
C566C-RFF/GFF/BFF/AFF
C566C-RFE/GFE/BFE/AFE
ORDER CODE TABLE*
Color
Kit Number
Luminous Intensity (mcd)
Dominant Wavelength
Package
Standoff
Min.
Max.
Color Bin
Min. (nm)
Color Bin
Max. (nm)
Blue
C566C-BFF-CT0V0351
1100
3000
B3
460
B5
475
Bulk
Yes
Blue
C566C-BFF-CT0U0341
1100
2130
B3
460
B4
470
Bulk
Yes
Blue
C566C-BFF-CT0U0451
1100
2130
B4
465
B5
475
Bulk
Yes
Blue
C566C-BFF-CU0V0341
1520
3000
B3
460
B4
470
Bulk
Yes
Blue
C566C-BFF-CU0V0451
1520
3000
B4
465
B5
475
Bulk
Yes
Blue
C566C-BFE-CT0V0351
1100
3000
B3
460
B5
475
Bulk
No
Blue
C566C-BFE-CT0U0341
1100
2130
B3
460
B4
470
Bulk
No
Blue
C566C-BFE-CT0U0451
1100
2130
B4
465
B5
475
Bulk
No
Blue
C566C-BFE-CU0V0341
1520
3000
B3
460
B4
470
Bulk
No
Blue
C566C-BFE-CU0V0451
1520
3000
B4
465
B5
475
Bulk
No
Blue
C566C-BFF-CT0V0352
1100
3000
B3
460
B5
475
Ammo
Yes
Blue
C566C-BFF-CT0U0342
1100
2130
B3
460
B4
470
Ammo
Yes
Blue
C566C-BFF-CT0U0452
1100
2130
B4
465
B5
475
Ammo
Yes
Blue
C566C-BFF-CU0V0342
1520
3000
B3
460
B4
470
Ammo
Yes
Blue
C566C-BFF-CU0V0452
1520
3000
B4
465
B5
475
Ammo
Yes
Blue
C566C-BFE-CT0V0352
1100
3000
B3
460
B5
475
Ammo
No
Blue
C566C-BFE-CT0U0342
1100
2130
B3
460
B4
470
Ammo
No
Blue
C566C-BFE-CT0U0452
1100
2130
B4
465
B5
475
Ammo
No
Blue
C566C-BFE-CU0V0342
1520
3000
B3
460
B4
470
Ammo
No
Blue
C566C-BFE-CU0V0452
1520
3000
B4
465
B5
475
Ammo
No



Html Pages

1 2 3 4 5 6 7 8 9 10