| Moteur de recherche de fiches techniques de composants électroniques |
|
LPC2194 Fiches technique(PDF) 3 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC2194 Fiches technique(HTML) 3 Page - NXP Semiconductors |
|
3 / 33 page ![]() Philips Semiconductors LPC2194 Single-chip 16/32-bit microcontrollers Preliminary data Rev. 01 — 06 February 2004 3 of 33 9397 750 12757 © Koninklijke Philips Electronics N.V. 2004. All rights reserved. 4. Block diagram (1) When test/debug interface is used, GPIO/other function sharing these pins are not available. Fig 1. Block diagram. INTERNAL FLASH CONTROLLER 002aaa756 AHB BRIDGE TEST/DEBUG INTERFACE AHB DECODER AHB TO VPB BRIDGE VPB DIVIDER VECTORED INTERRUPT CONTROLLER SYSTEM FUNCTIONS PLL system clock SCL* P0 (30 PINS) P1.31:16 Ain3:0* SDA* SCK* MOSI* MISO* EINT0* EINT1* EINT2* EINT3* 8 x CAP* 8 x MAT* PWM1..6* RD4:1* TD4:1* SSEL* TxD0,1* RxD0,1* MODEM CONTROL (6 PINS)* SPI SERIAL INTERFACE 0 & 1 I2C SERIAL INTERFACE UART0/UART1 REAL TIME CLOCK WATCHDOG TIMER SYSTEM CONTROL EXTERNAL INTERRUPTS GENERAL PURPOSE I/O CAN INTERFACE 1, 2, 3 & 4 ACCEPTANCE FILTERS CAPTURE/ COMPARE TIMER0/TIMER1 PWM0 10-BIT A/D CONVERTER AMBA AHB (Advanced High-performance Bus) 128/256 kB FLASH ARM7TDMI-S INTERNAL SRAM CONTROLLER 16 kB SRAM ARM7 LOCAL BUS APB *Shared with GPIO |