| Moteur de recherche de fiches techniques de composants électroniques |
|
DP7269 Fiches technique(PDF) 5 Page - Copal Electronics |
|
|
|||||||||||||||||||||||||||||
DP7269 Fiches technique(HTML) 5 Page - Copal Electronics |
|
5 / 16 page ![]() DP7269 © NIDEC COPAL ELECTRONICS CORP. 5 D . v e R 3 2 1 2 - D M . o N . c o D Characteristics subject to change without notice POWER UP TIMING (1)(2) s t i n U x a M r e t e m a r a P l o b m y S tPUR s m 1 n o i t a r e p O d a e R o t p u - r e w o P tPUW s m 1 n o i t a r e p O e t i r W o t p u - r e w o P DP TIMING s t i n U x a M r e t e m a r a P l o b m y S tWRPO s µ 0 1 e l b a t S y l p p u S r e w o P r e t f A e m i T e s n o p s e R r e p i W tWRL s µ 0 1 d e u s s I n o i t c u r t s n I r e t f A e m i T e s n o p s e R r e p i W WRITE CYCLE LIMITS (3) s t i n U x a M r e t e m a r a P l o b m y S tWR s m 5 e m i T e l c y C e t i r W RELIABILITY CHARACTERISTICS Symbol Parameter Reference Test Method Min Max Units NEND (1) Endurance MIL-STD-883, Test Method 1033 1,000,000 Cycles/Byte TDR (1) Data Retention MIL-STD-883, Test Method 1008 100 Years VZAP (1) ESD Susceptibility MIL-STD-883, Test Method 3015 2000 V ILTH (1) A m 0 0 1 7 1 d r a d n a t S C E D E J p U - h c t a L Notes: (1) This parameter is tested initially and after a design or process change that affects the parameter. (2) tPUR and tPUW are delays required from the time VCC is stable until the specified operation can be initiated. (3) The write cycle is the time from a valid stop condition of a write sequence to the end of the internal program/erase cycle. During the write cycle, the bus interface circuits are disabled, SDA is allowed to remain high, and the device does not respond to its slave address. Figure 1. Bus Timing tHIGH SCL SDA IN SDA OUT tLOW tF tLOW tR tBUF tSU:STO tSU:DAT tHD:DAT tHD:STA tSU:STA tAA tDH |