Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM311 Fiches technique(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
No de pièce LM311
Description  Voltage Comparator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM311 Fiches technique(HTML) 2 Page - National Semiconductor (TI)

  LM311 Datasheet HTML 1Page - National Semiconductor (TI) LM311 Datasheet HTML 2Page - National Semiconductor (TI) LM311 Datasheet HTML 3Page - National Semiconductor (TI) LM311 Datasheet HTML 4Page - National Semiconductor (TI) LM311 Datasheet HTML 5Page - National Semiconductor (TI) LM311 Datasheet HTML 6Page - National Semiconductor (TI) LM311 Datasheet HTML 7Page - National Semiconductor (TI) LM311 Datasheet HTML 8Page - National Semiconductor (TI) LM311 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
3.0 Typical Applications (Note 3) (Continued)
Digital Transmission Isolator
Relay Driver with Strobe
00570440
00570441
*Absorbs inductive kickback of relay and protects IC from severe voltage
transients on V++ line.
Note: Do Not Ground Strobe Pin.
Strobing off Both Input and Output Stages (Note 2)
00570442
Note: Do Not Ground Strobe Pin.
Note 2: Typical input current is 50 pA with inputs strobed off.
Note 3: Pin connections shown on schematic diagram and typical applications are for H08 metal can package.
Positive Peak Detector
Zero Crossing Detector Driving MOS Logic
00570423
*Solid tantalum
00570424
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23