| Moteur de recherche de fiches techniques de composants électroniques |
|
AR0237CS Fiches technique(PDF) 2 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
AR0237CS Fiches technique(HTML) 2 Page - ON Semiconductor |
|
2 / 38 page ![]() AR0237CS/D Rev. 4, 6/16 EN 2 ©Semiconductor Components Industries, LLC, 2016. AR0237CS: 1/2.7-Inch 2.1 Mp/Full HD Digital Image Sensor Ordering Information Ordering Information See the ON Semiconductor Device Nomenclature document (TND310/D) for a full description of the naming convention used for image sensors. For reference documenta- tion, including information on evaluation kits, please visit our web site at www.onsemi.com. Table 2: Available Part Numbers Part Number Product Description Orderable Product Attribute Description AR0237CSSC00SUEA0-DR 2Mp 1/2.7" Image Sensor, RGB, 0 deg CRA, iBGA package, multi output Drypack AR0237CSSC00SHRA0-DR 2Mp 1/2.7" Image Sensor, RGB, 0 deg CRA, mPLCC package, HiSPi output Drypack AR0237CSSC00SPRA0-DR 2Mp 1/2.7" Image Sensor, RGB, 0 deg CRA, mPLCC package, Parallel output Drypack AR0237CSSC12SHRA0-DR 2Mp 1/2.7" Image Sensor, RGB, 12 deg CRA, mPLCC package, HiSPi output Drypack AR0237CSSC12SPRA0-DR 2Mp 1/2.7" Image Sensor, RGB, 12 deg CRA, mPLCC package, Parallel output Drypack AR0237IRSH12SHRA0-DR-E 2Mp 1/2.7" Image Sensor, RGB-IR, 12 deg CRA, mPLCC package, HiSPi output Drypack AR0237IRSH12SPRA0-DR-E 2Mp 1/2.7" Image Sensor, RGB-IR, 12 deg CRA, mPLCC package, Parallel output Drypack AR0237CSSC00SUEAH3-GEVB RGB, 0 deg CRA, iBGA package, multi output, Headboard Headboard AR0237CSSC00SHRAH3-GEVB RGB, 0 deg CRA, mPLCC package, HiSPi output, Headboard Headboard AR0237CSSC00SPRAH3-GEVB RGB, 0 deg CRA, mPLCC package, Parallel output, Headboard Headboard AR0237CSSC12SHRAH3-GEVB RGB, 12 deg CRA, mPLCC package, HiSPi output, Headboard Headboard AR0237CSSC12SPRAH3-GEVB RGB, 12 deg CRA, mPLCC package, Parallel output, Headboard Headboard AR0237IRSH12SHRAH3-GEVB RGB-IR, 12 deg CRA, mPLCC package, HiSPi output, Headboard Headboard AR0237IRSH12SPRAH3-GEVB RGB-IR, 12 deg CRA, mPLCC package, Parallel output, Headboard Headboard |