Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AR0141CS Fiches technique(PDF) 9 Page - ON Semiconductor

No de pièce AR0141CS
Description  1/4-Inch Digital Image Sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0141CS Fiches technique(HTML) 9 Page - ON Semiconductor

Back Button AR0141CS Datasheet HTML 5Page - ON Semiconductor AR0141CS Datasheet HTML 6Page - ON Semiconductor AR0141CS Datasheet HTML 7Page - ON Semiconductor AR0141CS Datasheet HTML 8Page - ON Semiconductor AR0141CS Datasheet HTML 9Page - ON Semiconductor AR0141CS Datasheet HTML 10Page - ON Semiconductor AR0141CS Datasheet HTML 11Page - ON Semiconductor AR0141CS Datasheet HTML 12Page - ON Semiconductor AR0141CS Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 64 page
background image
AR0141CS/D Rev. 6, 4/16 EN
9
©Semiconductor Components Industries, LLC, 2016.
AR0141CS: 1/4-Inch Digital Image Sensor
Pixel Data Format
Pixel Data Format
Pixel Array Structure
The AR0141CS pixel array consists of 1280 columns by 800 rows of optically active
pixels.While the sensor's format is 1344 x 848, additional active columns and active rows
are included for use when horizontal or vertical mirrored readout is enabled, to allow
readout to start on the same pixel. The pixel adjustment is always performed for mono-
chrome or color versions. The active area is surrounded with optically transparent
dummy pixels to improve image uniformity within the active area. Not all dummy pixels
or barrier pixels can be read out.
Figure 5:
Pixel Array Description
NOT TO SCALE
All dimensions in PIXELS
unless otherwise stated
1348 ( 2+ 1344 + 2)
Active pixels
total = 1348
86 8 ( 8+ 2+ 4+ 848 +6 )
Transport pixels
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64