Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS-4-14XC Fiches technique(PDF) 6 Page - Copal Electronics

No de pièce CS-4-14XC
Description  ROTARY SELECTOR SWITCHES (SMD)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COPAL [Copal Electronics]
Site Internet  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CS-4-14XC Fiches technique(HTML) 6 Page - Copal Electronics

  CS-4-14XC Datasheet HTML 1Page - Copal Electronics CS-4-14XC Datasheet HTML 2Page - Copal Electronics CS-4-14XC Datasheet HTML 3Page - Copal Electronics CS-4-14XC Datasheet HTML 4Page - Copal Electronics CS-4-14XC Datasheet HTML 5Page - Copal Electronics CS-4-14XC Datasheet HTML 6Page - Copal Electronics CS-4-14XC Datasheet HTML 7Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
P.C.B.
Solder
bath
P.C.B.
Solder
bath
■ SOLDERING CONDITIONS
When dip-soldering CS-4-13NA, NB or CS-4-22YA, YB,
solder bridges may occur between terminals depending
upon soldering conditions.
In order to prevent such bridges,vertical flow direction is
recommended as shown in the below figure.
For dip-soldering,preheating should be done after apply-
ing flux.
Handle carefully in case of parallel flow direction in which
solder bridges occur more often because solder flow
moves toward the vertical direction against the terminals.
In addition, other soldering conditions such as soldering
temperature, preheating temperature, specific gravity of
flux, and belt speed affect the occurrence of bridges.
Depending on flux to be applied, markings may, though at
rare case, disappear or fade out at soldering. Please make
sure before its use.
Flow direction
Vertical
Parallel
CS-4-13NA, NB
CS-4-22YA, YB
CS-4
ROTARY SELECTOR SWITCHES (SMD)



Html Pages

1 2 3 4 5 6 7