Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CYP-0201MB Fiches technique(PDF) 5 Page - Copal Electronics

No de pièce CYP-0201MB
Description  PIANO SWITCHES (FULL PITCH)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COPAL [Copal Electronics]
Site Internet  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CYP-0201MB Fiches technique(HTML) 5 Page - Copal Electronics

  CYP-0201MB Datasheet HTML 1Page - Copal Electronics CYP-0201MB Datasheet HTML 2Page - Copal Electronics CYP-0201MB Datasheet HTML 3Page - Copal Electronics CYP-0201MB Datasheet HTML 4Page - Copal Electronics CYP-0201MB Datasheet HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
CYP
PIANO SWITCHES (FULL PITCH)
O 2 bits, 4 bits, 6 bits
O 8 bits, 10 bits
<Magazine packaging specifications>
O Packing quantities of magazines are different depending
on the bit number of the switches.
Please order the multiple numbers of the specific
packing quantities. (e.g. 70 pcs., 140 pcs., 210 pcs.,
etc., in case of 2 bits version)
Pieces in package : 2 bits, 70 pcs./stick
4 bits, 40 pcs./stick
6 bits, 28 pcs./stick
8 bits, 20 pcs./stick
10 bits, 16 pcs./stick
Unless otherwise specified, tolerance :
± 0.3 (Unit : mm)
(Unit: mm)
No. of bits
B
C
7.5 ± 0.1
16
11.5 ± 0.1
24
32
14.2 ± 0.1
42
20.2 ± 0.1
D
—
28.4 ± 0.1
40.4 ± 0.1
2
4
6
8
10
(CYP-0411B)
0.4±0.1
Installation example
Direction of feed
5.7
16±0.1
4±0.1
2±0.1
(CYP-0812B)
0.4±0.1
5.7
16±0.1
4±0.1
±
0.1
Installation example
Direction of feed



Html Pages

1 2 3 4 5