Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CMS-412C Fiches technique(PDF) 11 Page - Copal Electronics

No de pièce CMS-412C
Description  SLIDE SWITCHES (SMD)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COPAL [Copal Electronics]
Site Internet  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CMS-412C Fiches technique(HTML) 11 Page - Copal Electronics

Back Button CMS-412C Datasheet HTML 4Page - Copal Electronics CMS-412C Datasheet HTML 5Page - Copal Electronics CMS-412C Datasheet HTML 6Page - Copal Electronics CMS-412C Datasheet HTML 7Page - Copal Electronics CMS-412C Datasheet HTML 8Page - Copal Electronics CMS-412C Datasheet HTML 9Page - Copal Electronics CMS-412C Datasheet HTML 10Page - Copal Electronics CMS-412C Datasheet HTML 11Page - Copal Electronics CMS-412C Datasheet HTML 12Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
O CMS-2402TA, TB
(Unit : mm)
(Conforms to JIS C 0806)
Installation example
(CMS-2402B)
Direction of feed
0.40.1
7
120.1
40.1
20.1
1.5
φ
+0.1
0
Terminal
No.1
O &06‡7$7%
(Conforms to JIS C 0806)
160.1
1.5 0
+0.1
40.1
0.40.1
5
20.1
Terminal
No.1
Direction of feed
Installation
example
(CMS-2214B)
φ
O CMS-4202TA, TB
(Conforms to JIS C 0806)
Terminal No.1
1.5
φ
120.1
40.1
20.1
0.50.1
8.3
R 0.75
+0.05
0
+0.1
0
Installation
example
(CMS-4202B)
Direction of feed
CMS
SLIDE SWITCHES (SMD)
O &06‡7$7%
(Conforms to JIS C 0806)
Installation
example
(CMS-2412B)
Direction of feed
0.40.1
5
160.1
40.1
20.1
1.5
φ
+0.1
0
Terminal
No.1
O &06‡7$7%
(Conforms to JIS C 0806)
Installation
example
(CMS-2312B)
Direction of feed
0.40.1
5
160.1
40.1
20.1
1.5
φ
+0.1
0
Terminal
No.1
O CMS-2302TA, TB
(Conforms to JIS C 0806)
Installation example
(CMS-2302B)
Direction of feed
0.40.1
7
120.1
40.1
20.1
1.5
φ
+0.1
0
Terminal
No.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com