Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM111H Fiches technique(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
No de pièce LM111H
Description  Voltage Comparator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM111H Fiches technique(HTML) 19 Page - National Semiconductor (TI)

Back Button LM111H Datasheet HTML 15Page - National Semiconductor (TI) LM111H Datasheet HTML 16Page - National Semiconductor (TI) LM111H Datasheet HTML 17Page - National Semiconductor (TI) LM111H Datasheet HTML 18Page - National Semiconductor (TI) LM111H Datasheet HTML 19Page - National Semiconductor (TI) LM111H Datasheet HTML 20Page - National Semiconductor (TI) LM111H Datasheet HTML 21Page - National Semiconductor (TI) LM111H Datasheet HTML 22Page - National Semiconductor (TI) LM111H Datasheet HTML 23Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
11.0 Connection Diagrams
Metal Can Package
00570406
Note: Pin 4 connected to case
Top View
Order Number LM111H, LM111H/883(Note 21) , LM211H or LM311H
See NS Package Number H08C
Dual-In-Line Package
Dual-In-Line Package
00570434
Top View
Order Number LM111J-8, LM111J-8/883(Note 21),
LM311M, LM311MX or LM311N
See NS Package Number J08A, M08A or N08E
00570435
Top View
Order Number LM111J/883(Note 21)
See NS Package Number J14A or N14A
00570433
Order Number LM111W/883(Note 21), LM111WG/883
See NS Package Number W10A, WG10A
Note 21: Also available per JM38510/10304
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23