Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DP7119 Fiches technique(PDF) 9 Page - Copal Electronics

No de pièce DP7119
Description  32-Tap Digital Potentiometers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COPAL [Copal Electronics]
Site Internet  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

DP7119 Fiches technique(HTML) 9 Page - Copal Electronics

Back Button DP7119 Datasheet HTML 4Page - Copal Electronics DP7119 Datasheet HTML 5Page - Copal Electronics DP7119 Datasheet HTML 6Page - Copal Electronics DP7119 Datasheet HTML 7Page - Copal Electronics DP7119 Datasheet HTML 8Page - Copal Electronics DP7119 Datasheet HTML 9Page - Copal Electronics DP7119 Datasheet HTML 10Page - Copal Electronics DP7119 Datasheet HTML 11Page - Copal Electronics DP7119 Datasheet HTML 12Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
DP7110, DP7118, DP7119, DP7123, DP7124, DP7125
9
PACKAGE DIMENSIONS
SC 70, 5 Lead, 1.25x2
E1
D
A
L
L1
L2
ee
b
A1
A2
c
TOP VIEW
W
E
I
V
D
N
E
W
E
I
V
E
D
I
S
1
1
Notes:
(1) All dimensions are in millimeters. Angles in degrees.
(2) Complies with JEDEC MO-203.
E
SYMBOL
MIN
NOM
MAX
A
A1
b
c
D
E
E1
e
L
0º
8º
L2
0.00
0.15
0.10
0.26
1.80
1.80
1.15
0.65 BSC
0.15 BSC
1.10
0.10
0.30
0.18
0.46
2.20
2.40
1.35
L1
0.80
1
4º
10º
A2
0.80
1.00
0.42 REF
0.36
2.00
2.10
1.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12