| Moteur de recherche de fiches techniques de composants électroniques |
|
CT-9EX Fiches technique(PDF) 1 Page - Copal Electronics |
|
|
|||||||||||||||||||||||||||||
CT-9EX Fiches technique(HTML) 1 Page - Copal Electronics |
|
1 / 4 page ![]() 2 3 4 5 6 8 9 !0 1 7 Part name 1 2 3 4 5 6 7 8 9 !0 Shaft Base element Rotor gear Electrode Wiper Resistive element Terminal pin Material Flammability Housing Rubber cushion Adhesive ※ Please refer to the LIST OF PART NUMBERS when placing orders. RuO2 cermet Ceramic Epoxy Ag-Pd cermet Multi metal alloy Brass, Nickel-plated Polyamide Silicone rubber Polybutyleneterephthalate INTERNAL STRUCTURE ■ FEATURES O RoHS compliant O General use type O Fine setting is possible with 18 turns configuration ■ PART NUMBER DESIGNATION C T - 9 E W 1 M Ω ( 1 0 5 ) Series name Resistance code Resistance value Product shape W:Top adjustment X:Side adjustment P:Side adjustment Terminal pin E :Sn (Lead-free) — — UL94HB UL94V-0 UL94V-0 — CT-9 18 TURNS CERMET TRIMMERS Copper, Tin-plated RoHS compliant |
Numéro de pièce similaire - CT-9EX |
|
Description similaire - CT-9EX |