| Moteur de recherche de fiches techniques de composants électroniques |
|
CS-7 Fiches technique(PDF) 1 Page - Copal Electronics |
|
|
|||||||||||||||||||||||||||||
CS-7 Fiches technique(HTML) 1 Page - Copal Electronics |
|
1 / 5 page ![]() ⑧ Housing UL94V-0 Polyphenylenesulphide ⑨ Terminal pin − Copper alloy, Gold-plated ※ Please refer to the LIST OF PART NUMBERS when placing orders. O RoHS compliant O Easy position setting with wide switching angle O High digit visibility O Washable ■ FEATURES INTERNAL STRUCTURE Part name ④ ② ③ ⑦ ⑥ Rotor Cover “O” ring Fixed contact Slider contact Material Flammability UL94V-0 UL94HB Polyphenylenesulphide ① Marking cover − Stainless steel (SUS 304) Stainless steel (SUS 301) Silicone rubber ⑤ Spacer − Stainless steel (SUS 304) Copper alloy, Gold-plated ■ PART NUMBER DESIGNATION CS-7 - 1 4 T B Series name No. of poles 1:1 pole No. of contacts 4:4 contacts Shape of terminal B:Gull wing Form of packaging T :Taping (Reel) M:Magazine CS-7 ROTARY SELECTOR SWITCHES (SMD) ① ④ ⑥ ⑦ ⑧ ⑨ ⑤ ② ③ RoHS compliant |
Numéro de pièce similaire - CS-7 |
|
Description similaire - CS-7 |