| Moteur de recherche de fiches techniques de composants électroniques |
|
ICS8761CYLF Fiches technique(PDF) 13 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS8761CYLF Fiches technique(HTML) 13 Page - Integrated Circuit Systems |
|
13 / 15 page ![]() 8761CY www.icst.com/products/hiperclocks.html REV. C SEPTEMBER 7, 2004 13 Integrated Circuit Systems, Inc. ICS8761 LOW VOLTAGE, LOW SKEW, PCI / PCI-X CLOCK GENERATOR PACKAGE OUTLINE - Y SUFFIX FOR 64 LEAD TSSOP TABLE 9. PACKAGE DIMENSIONS Reference Document: JEDEC Publication 95, MS-026 N O I T A I R A V C E D E J S R E T E M I L L I M N I S N O I S N E M I D L L A L O B M Y S D C B M U M I N I ML A N I M O NM U M I X A M N 4 6 A - -- -0 6 . 1 1 A 5 0 . 0- -5 1 . 0 2 A 5 3 . 10 4 . 15 4 . 1 b 7 1 . 0- -7 2 . 0 c 9 0 . 0- -0 2 . 0 D C I S A B 0 0 . 2 1 1 D C I S A B 0 0 . 0 1 2 D . f e R 0 5 . 7 E C I S A B 0 0 . 2 1 1 E C I S A B 0 0 . 0 1 2 E . f e R 0 5 . 7 e C I S A B 0 5 . 0 L 5 4 . 0- -5 7 . 0 θθθθθ 0 ° - - 7 ° c c c - -- -8 0 . 0 |