Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM320 Fiches technique(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce LM320
Description  Series 3-Terminal Negative Regulators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM320 Fiches technique(HTML) 9 Page - National Semiconductor (TI)

Back Button LM320 Datasheet HTML 4Page - National Semiconductor (TI) LM320 Datasheet HTML 5Page - National Semiconductor (TI) LM320 Datasheet HTML 6Page - National Semiconductor (TI) LM320 Datasheet HTML 7Page - National Semiconductor (TI) LM320 Datasheet HTML 8Page - National Semiconductor (TI) LM320 Datasheet HTML 9Page - National Semiconductor (TI) LM320 Datasheet HTML 10Page - National Semiconductor (TI) LM320 Datasheet HTML 11Page - National Semiconductor (TI) LM320 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Schematic Diagrams (Continued)
b
12V and b15V
TLH7767 – 19
Physical Dimensions inches (millimeters)
Metal Can Package (TO-39) (H)
Order Number LM120H-50 LM120H-12 LM120H-15 LM320H-50 LM320H-12 or LM320H-15
NS Package Number H03A
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12