| Moteur de recherche de fiches techniques de composants électroniques |
|
CFS-0301TB Fiches technique(PDF) 5 Page - Copal Electronics |
|
|
|||||||||||||||||||||||||||||
CFS-0301TB Fiches technique(HTML) 5 Page - Copal Electronics |
|
5 / 7 page ![]() 0 2.54 × (P – 1) 1 0 1.8 0 2.54 × (P – 1) 1 0 1.8 ■ RECOMMENDED P.C.B. PAD DIMENSIONS (Unit : mm) P:No. of bits O CFS-□□□□B O CFS-01□□A O CFS-□□□□A O CFS-01□□B 0 2.54 × (p – 1) 1 φ ■ SIZE OF P.C.B. PROCESSING (Unit : mm) O CFS-□□□□C P:No. of bits CFS SLIDE SWITCHES (FULL PITCH) Part number CFS-06 CFS-07 CFS-08 CFS-09 CFS-10 Schematic No. of bits. 6 7 8 9 10 L dimension 16.7 19.25 21.8 24.35 26.9 Part number CFS-01 CFS-02 CFS-03 CFS-04 CFS-05 Schematic No. of bits. 1 2 3 4 5 L dimension 3.95 6.5 9.05 11.6 14.15 O 1Convex knob of 1 mm , Through hole pin O Convex knob of 1 mm , Gull wing Production date code 0.25 L 2.54±0.15 2 +0.1 –0.05 0.6 +0.1 –0.05 1.2 Production date code L 2.54±0.15 2 0.5 1.4 +0.1 –0.05 1.2 |