Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CJS-1201TB2 Fiches technique(PDF) 4 Page - Copal Electronics

No de pièce CJS-1201TB2
Description  SLIDE SWITCHES (SMD)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COPAL [Copal Electronics]
Site Internet  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CJS-1201TB2 Fiches technique(HTML) 4 Page - Copal Electronics

  CJS-1201TB2 Datasheet HTML 1Page - Copal Electronics CJS-1201TB2 Datasheet HTML 2Page - Copal Electronics CJS-1201TB2 Datasheet HTML 3Page - Copal Electronics CJS-1201TB2 Datasheet HTML 4Page - Copal Electronics CJS-1201TB2 Datasheet HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
O CJS-1200A1
O CJS-1200B1
3 – 0.6
5.4
3.5
Stroke 0.6
Terminal No.1
Production date code
2 –
C
0.5
+0.1
–0.05
2.8
2.5
1.1
Schematic
+0.3
0
C
②
①③
Schematic
C
②
①③
3 – 0.6
Terminal No.1
Production date code
2 –
C
0.5
+0.1
–0.05
4.2
2.5
0.4 min.
0.4 min.
3.5
Stroke 0.6
5.4
O CJS-1201A1
O CJS-1201B1
3 – 0.6
6
3.5
0.6
0.6
Stroke
Terminal No.1
Production date code
2 –
C
0.5
+0.1
–0.05
2.8
2.5
1.1
Schematic
+0.3
0
C
②
①③
Schematic
C
②
①③
3 – 0.6
Terminal No.1
Production date code
2 –
C
0.5
+0.1
–0.05
4.2
2.5
0.4 min.
0.4 min.
3.5
Stroke
6
0.6
0.6
■ OUTLINE DIMENSIONS
Unless otherwise specified, tolerance :
± 0.3 (Unit : mm)
CJS
SLIDE SWITCHES (SMD)
(Unit : mm)
3 - 1
3.5
0
3 - 1
3.5
0
■ RECOMMENDED P.C.B. PAD OUTLINE DIMENSIONS
A Type
B Type
Note) The zero point is the center of mounting.



Html Pages

1 2 3 4 5