Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CL-DB Fiches technique(PDF) 2 Page - Copal Electronics

No de pièce CL-DB
Description  DETECT SWITCHES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COPAL [Copal Electronics]
Site Internet  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CL-DB Fiches technique(HTML) 2 Page - Copal Electronics

  CL-DB Datasheet HTML 1Page - Copal Electronics CL-DB Datasheet HTML 2Page - Copal Electronics CL-DB Datasheet HTML 3Page - Copal Electronics CL-DB Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CL-DB
DETECT SWITCHES
■ STANDARD SPECIFICATIONS
Operating temp. range
Storage temp. range
Sealing
Net weight
− 40 ~ 85 °C
Non-washable
0.02 g
Operating force
Stop strength
Solderability
Soldering heat
Shear (Adhesion)
Substrate bending
Pull-off strength
0.34 N {0.035 kgf}
2 N {0.2 kgf}, 60 s
245
± 3 °C, 2 ~ 3 s
Reflow
:260 °C (Peak temperature)
(Please refer to the profile below)
5 N {0.51 kgf} 10 s
Width 90 mm, bend 3 mm, 5 s, 1 time
5 N {0.51 kgf} 10 s
■ MECHANICAL CHARACTERISTICS
Contact rating
Switching
Minimum
Contact resistance
Insulation resistance
Dielectric strength
ýýýýýDC5 V, 1 mA
ýýýýýDC20 mV, 1 μA
300 m
Ω maximum
100 M
Ω (DC100 V) minimum
AC 250 V, 60s
Vibration
Shock
Load life
Humidity
High temp. exposure
Low temp. exposure
Thermal shock
(Amplitude) 1.5 mm or (Acceleration) 98 m/s
2,
10-500 Hz, 3 directions for 10 cycles each
490 m/s
2, 11 ms
6 directions for 3 times each
Continuous load 100,000 cycles
DC 5V, 1mA
−10 ~ 65 °C, Relative humidity 0 ~ 96 %,
24 h for 10 cycles
85 °C, 96 h
−40 °C, 96 h
−40 (0.5 h) ~ 85 °C (0.5 h), 5 cycles
■ ELECTRICAL CHARACTERISTICS
■ ENVIRONMENTAL CHARACTERISTICS
{ } : Reference only
〈Reflow profile for soldering heat evaluation〉
Reflow : two times maximum
Peak : 255
Over 230
℃
Pre Heating Zone
180
℃
(
℃)
250
200
150
100
50
150
℃
90±30 s
30±10 s
Soldering Zone
Heating time
℃
+5
0
Switching function
Stroke
OFF
− (ON)
Pre-travel: 0.30mm
Over-travel: 0.75mm
total:
1.05mm



Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com