| Moteur de recherche de fiches techniques de composants électroniques |
|
CFP-0801TB Fiches technique(PDF) 4 Page - Copal Electronics |
|
|
|||||||||||||||||||||||||||||
CFP-0801TB Fiches technique(HTML) 4 Page - Copal Electronics |
|
4 / 5 page ![]() Producion date code 1.4 L 2.54±0.15 2.5 0.6 +0.1 –0.05 0.25 21 +0.1 –0.05 Producion date code 1.4 L 2.54±0.15 2.5 1.4 0.5 +0.1 –0.05 21 Producion date code 1.4 L 2.54±0.15 2.5 0.6 +0.1 –0.05 0.25 21 0.9 +0.1 –0.05 Producion date code 1.4 L 2.54±0.15 2.5 1.4 0.5 +0.1 –0.05 21 0.9 CFP PIANO SWITCHES (FULL PITCH) O Flat lever, Gull wing O Convex lever, Gull wing O Flat lever, Through hole pin O Convex lever, Through hole pin ■ OUTLINE DIMENSIONS Unless otherwise specified, tolerance : ± 0.3 (Unit : mm) Part number CFP-02 CFP-03 CFP-04 CFP-05 Schematic No. of bits. 2 3 4 5 L dimension 7.5 10.05 12.6 15.15 Part number CFP-06 CFP-08 CFP-10 Schematic No. of bits. 6 8 10 L dimension 17.7 22.8 27.9 ■ RECOMMENDED P.C.B. PAD DIMENSIONS (Unit : mm) ■ SIZE OF P.C.B. PROCESSING (Unit : mm) 0 No. of bits 1 2.54 × (P – 1) P: 0 No. of bits 2.54 × (P – 1) φ 1 P: |