Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CFP-0401TB Fiches technique(PDF) 4 Page - Copal Electronics

No de pièce CFP-0401TB
Description  PIANO SWITCHES (FULL PITCH)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COPAL [Copal Electronics]
Site Internet  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CFP-0401TB Fiches technique(HTML) 4 Page - Copal Electronics

  CFP-0401TB Datasheet HTML 1Page - Copal Electronics CFP-0401TB Datasheet HTML 2Page - Copal Electronics CFP-0401TB Datasheet HTML 3Page - Copal Electronics CFP-0401TB Datasheet HTML 4Page - Copal Electronics CFP-0401TB Datasheet HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Producion date code
1.4
L
2.54±0.15
2.5
0.6
+0.1
–0.05
0.25
21
+0.1
–0.05
Producion date code
1.4
L
2.54±0.15
2.5
1.4
0.5
+0.1
–0.05
21
Producion date code
1.4
L
2.54±0.15
2.5
0.6
+0.1
–0.05
0.25
21
0.9
+0.1
–0.05
Producion date code
1.4
L
2.54±0.15
2.5
1.4
0.5
+0.1
–0.05
21
0.9
CFP
PIANO SWITCHES (FULL PITCH)
O Flat lever, Gull wing
O Convex lever, Gull wing
O Flat lever, Through hole pin
O Convex lever, Through hole pin
■ OUTLINE DIMENSIONS
Unless otherwise specified, tolerance :
± 0.3 (Unit : mm)
Part number
CFP-02
CFP-03
CFP-04
CFP-05
Schematic
No. of bits.
2
3
4
5
L dimension
7.5
10.05
12.6
15.15
Part number
CFP-06
CFP-08
CFP-10
Schematic
No. of bits.
6
8
10
L dimension
17.7
22.8
27.9
■ RECOMMENDED P.C.B. PAD DIMENSIONS
(Unit : mm)
■ SIZE OF P.C.B. PROCESSING
(Unit : mm)
0
No. of bits
1
2.54
× (P – 1)
P:
0
No. of bits
2.54
× (P – 1)
φ 1
P:



Html Pages

1 2 3 4 5