Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

C2-R12J-10 Fiches technique(PDF) 5 Page - Superworld Electronics

No de pièce C2-R12J-10
Description  CERAMIC CHIP INDUCTORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUPERWORLD [Superworld Electronics]
Site Internet  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

C2-R12J-10 Fiches technique(HTML) 5 Page - Superworld Electronics

  C2-R12J-10 Datasheet HTML 1Page - Superworld Electronics C2-R12J-10 Datasheet HTML 2Page - Superworld Electronics C2-R12J-10 Datasheet HTML 3Page - Superworld Electronics C2-R12J-10 Datasheet HTML 4Page - Superworld Electronics C2-R12J-10 Datasheet HTML 5Page - Superworld Electronics C2-R12J-10 Datasheet HTML 6Page - Superworld Electronics C2-R12J-10 Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 6
30.01.2015
C2 SERIES
CERAMIC CHIP INDUCTORS
Figure 1
Recommendable
Upper limit
8-3. Solder Volume
may cause the failure of mechanical or electrical performance. Solder shall be used not to be exceed as shown in Fig. 1.
Accordingly increasing the solder volume, the mechanical stress to product is also increased. Exceeding solder volume
Minimum fillet height = soldering thickness + 25% product height



Html Pages

1 2 3 4 5 6 7