Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS563210DDFR Fiches technique(PDF) 29 Page - Texas Instruments

No de pièce TPS563210DDFR
Description  4.5-V to 17-V Input, 2-A, 3-A Synchronous Step-Down Voltage Regulator In 8-Pin SOT-23
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS563210DDFR Fiches technique(HTML) 29 Page - Texas Instruments

Back Button TPS563210DDFR Datasheet HTML 25Page - Texas Instruments TPS563210DDFR Datasheet HTML 26Page - Texas Instruments TPS563210DDFR Datasheet HTML 27Page - Texas Instruments TPS563210DDFR Datasheet HTML 28Page - Texas Instruments TPS563210DDFR Datasheet HTML 29Page - Texas Instruments TPS563210DDFR Datasheet HTML 30Page - Texas Instruments TPS563210DDFR Datasheet HTML 31Page - Texas Instruments TPS563210DDFR Datasheet HTML 32Page - Texas Instruments TPS563210DDFR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
TPS562210DDFR
SOT
DDF
8
3000
180.0
9.5
3.17
3.1
1.1
4.0
8.0
Q3
TPS562210DDFT
SOT
DDF
8
250
180.0
9.5
3.17
3.1
1.1
4.0
8.0
Q3
TPS563210DDFR
SOT
DDF
8
3000
180.0
9.5
3.17
3.1
1.1
4.0
8.0
Q3
TPS563210DDFT
SOT
DDF
8
250
180.0
9.5
3.17
3.1
1.1
4.0
8.0
Q3
PACKAGE MATERIALS INFORMATION
www.ti.com
4-Feb-2016
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34