Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LP2W-26G-R-Z Fiches technique(PDF) 12 Page - Copal Electronics

No de pièce LP2W-26G-R-Z
Description  Illuminated Pushbutton Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COPAL [Copal Electronics]
Site Internet  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

LP2W-26G-R-Z Fiches technique(HTML) 12 Page - Copal Electronics

Back Button LP2W-26G-R-Z Datasheet HTML 6Page - Copal Electronics LP2W-26G-R-Z Datasheet HTML 7Page - Copal Electronics LP2W-26G-R-Z Datasheet HTML 8Page - Copal Electronics LP2W-26G-R-Z Datasheet HTML 9Page - Copal Electronics LP2W-26G-R-Z Datasheet HTML 10Page - Copal Electronics LP2W-26G-R-Z Datasheet HTML 11Page - Copal Electronics LP2W-26G-R-Z Datasheet HTML 12Page - Copal Electronics LP2W-26G-R-Z Datasheet HTML 13Page - Copal Electronics LP2W-26G-R-Z Datasheet HTML 14Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
LP
■Optional Accessories
Part Name
Type
Dimensions
Panel cut out dimensions
Panel thickness
Switch
Guard
LP2S type
140007250011
1
∼1.9mm
LP-2S
LP2W type
140007250012
●The switch guard cannot be used with the PC mount versions.
■Packaging SpeciÄcations
Stick
Series
pcs/stick
Stick Length
LP1S
25
400
LP1W
20
LP2S
25
460
LP2W
20
445
● If the order quantity is below the above packaging quantities, the packing style may
be in trays.
:Optional Accessories.
Polycarbonate resin
Clear
Polycarbonate resin
Clear
PBT resin
Black
PBT resin
Black
Polycarbonate resin
Clear
PBT resin
Black
Switch Guard Outline
Switch Guard Outline
Switch Guard Outline



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14