Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LP1S-16G-R-Z Fiches technique(PDF) 14 Page - Copal Electronics

No de pièce LP1S-16G-R-Z
Description  Illuminated Pushbutton Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COPAL [Copal Electronics]
Site Internet  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

LP1S-16G-R-Z Fiches technique(HTML) 14 Page - Copal Electronics

Back Button LP1S-16G-R-Z Datasheet HTML 6Page - Copal Electronics LP1S-16G-R-Z Datasheet HTML 7Page - Copal Electronics LP1S-16G-R-Z Datasheet HTML 8Page - Copal Electronics LP1S-16G-R-Z Datasheet HTML 9Page - Copal Electronics LP1S-16G-R-Z Datasheet HTML 10Page - Copal Electronics LP1S-16G-R-Z Datasheet HTML 11Page - Copal Electronics LP1S-16G-R-Z Datasheet HTML 12Page - Copal Electronics LP1S-16G-R-Z Datasheet HTML 13Page - Copal Electronics LP1S-16G-R-Z Datasheet HTML 14Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
■ Precautions
5.Mounting Procedures
⑴ Removal of the cap
Use the notch on the side of the cap and pull up.
Remove the cap with the switch in the up position.
LP
⑷ Panel cutout
When cutting out the panel, press through the panel from the front
side. Also make sure to mount the switch from the front side of the
panel as shown in the figure below. This will help the mount spring
on both sides of the switch latch on to the edge of the hole. Note
that the vertical play of the switch when mounted is 0.3 mm max..
⑶ Mounting the Switch Guard
Concave
Filter
Cap
Conve
Concave
Front side of the panel
Back side of the panel
⑵ Mounting the cap
A) Insert the Älter into the cap. The Älter is reversible.
B) Mate and snap in the two recesses on the inner side of the
cap
to the tabs on the side of the actuator of the switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14