| Moteur de recherche de fiches techniques de composants électroniques |
|
HSML-A100-R7PJ1 Fiches technique(PDF) 8 Page - Agilent(Hewlett-Packard) |
|
|
|||||||||||||||||||||||||||||
HSML-A100-R7PJ1 Fiches technique(HTML) 8 Page - Agilent(Hewlett-Packard) |
|
8 / 14 page ![]() 7 Electrical Characteristics (TA = 25˚C) Forward Voltage Reverse Voltage Reverse Voltage Thermal VF (Volts) @ IF = 20 mA VR @ 100 µAVR @ 10 µA Resistance Part Number Typ. Max. Min. Min. R θJP(°C/W) HSMS/D/Y/G 2.2 2.6 5 — 180 HSMH 1.9 2.6 5 — 180 HSMC/J/L/A/E 1.9 2.4 5 — 280 HSMZ/V/U 2.2 2.6 5 — 280 HSMB 3.9 4.3 — 5 280 HSMM/K/N 3.4 4.05 — 5 280 Optical Characteristics (TA = 25˚C) Viewing Luminous Peak Dominant Angle Luminous Intensity/ Wavelength Wavelength[1] 2 θ1/2[2] Efficacy ηv[3] Total Flux Dice λPEAK(nm) λD(nm) (Degrees) (lm/W) Iv(mcd)/Φv(mlm) Color Part Number Technology Typ. Typ. Typ. Typ. Typ. Red HSMS-A100 GaP 635 626 120 120 0.45 HSMH-A100 AlGaAs 645 637 120 63 0.45 HSMC-A10x AlInGaP 635 626 120 150 0.45 HSMZ-A100 AlInGaP 639 630 120 155 0.45 Red Orange HSMJ-A10x AlInGaP 621 615 120 240 0.45 HSMV-A100 AlInGaP 623 617 120 263 0.45 Orange HSMD-A100 GaP 600 602 120 380 0.45 HSML-A10x AlInGaP 609 605 120 320 0.45 Amber HSMY-A100 GaP 583 585 120 520 0.45 HSMA-A10x AlInGaP 592 590 120 480 0.45 HSMU-A100 AlInGaP 594 592 120 500 0.45 Yellow Green HSMG-A100 GaP 565 569 120 590 0.45 HSME-A100 AlInGaP 575 570 120 560 0.45 Emerald Green HSMG-A100 GaP 558 560 120 650 0.45 HSME-A100 AlInGaP 566 560 120 610 0.45 Green HSMM-A10x InGaN 523 525 120 500 0.45 Cyan HSMK-A10x InGaN 502 505 120 300 0.45 Blue HSMB-A100 GaN 428 462 120 65 0.45 HSMN-A10x InGaN 468 470 120 75 0.45 Notes: 1. The dominant wavelength, λD, is derived from the CIE Chromaticity Diagram and represents the color of the device. 2. θ1/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity. 3. Radiant intensity, Ie in watts/steradian, may be calculated from the equation Ie = Iv/ηv, where Iv is the luminous intensity in candelas and ηv is the luminous efficacy in lumens/watt. |