| Moteur de recherche de fiches techniques de composants électroniques |
|
LM301 Fiches technique(PDF) 9 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LM301 Fiches technique(HTML) 9 Page - National Semiconductor (TI) |
|
9 / 17 page ![]() Typical Applications (Note 9) (Continued) Application Hints (Note 9) Although the LM101A is designed for trouble free operation, experience has indicated that it is wise to observe certain precautions given below to protect the devices from abnor- mal operating conditions. It might be pointed out that the ad- vice given here is applicable to practically any IC op amp, al- though the exact reason why may differ with different devices. Integrator with Bias Current Compensation DS007752-25 *Adjust for zero integrator drift. Current drift typically 0.1 nA/˚C over −55˚C to +125˚C temperature range. Protecting Against Gross Fault Conditions DS007752-26 *Protects input †Protects output ‡Protects output — not needed when R4 is used. Compensating for Stray Input Capacitances or Large Feedback Resistor DS007752-27 Isolating Large Capacitive Loads DS007752-28 www.national.com 9 |