Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DA9155M Fiches technique(PDF) 24 Page - Dialog Semiconductor

No de pièce DA9155M
Description  2.5 A Companion Charger for rapid charging
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIALOG [Dialog Semiconductor]
Site Internet  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9155M Fiches technique(HTML) 24 Page - Dialog Semiconductor

Back Button DA9155M Datasheet HTML 20Page - Dialog Semiconductor DA9155M Datasheet HTML 21Page - Dialog Semiconductor DA9155M Datasheet HTML 22Page - Dialog Semiconductor DA9155M Datasheet HTML 23Page - Dialog Semiconductor DA9155M Datasheet HTML 24Page - Dialog Semiconductor DA9155M Datasheet HTML 25Page - Dialog Semiconductor DA9155M Datasheet HTML 26Page - Dialog Semiconductor DA9155M Datasheet HTML 27Page - Dialog Semiconductor DA9155M Datasheet HTML 28Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
DA9155M
2.5 A Companion Charger for rapid charging
The junction temperature monitoring is also enabled in the reset mode. If a junction over-temperature
is detected during operation (TJUNC
≥ TJUNC_POR), DA9155M moves back to the reset mode.
10.8.3
Disabled
In the disabled mode DA9155M is fully functional but the Buck has not been enabled. An event is
fired when entering the disabled mode to notify the application processor that the slave charger is
ready for operation. If a fault condition exists (TJUNC, VBAT, or VIN), the enable signal is blocked,
DA9155M stays in the disabled mode, and an event is triggered.
DA9155M moves to the active mode when the Buck is enabled either by asserting the EN signal or
by setting the BUCK_EN register.
10.8.4
Active
In the active mode DA9155M is fully functional and the Buck is running.
DA9155M moves back to the disabled mode if the Buck is disabled, the safety timer expires, or if
there is a fault condition (TJUNC, VBAT, or VIN).
Datasheet
v3.05
22-July-2016
CFR0011-120-00 Rev 5
24 of 36
© 2016 Dialog Semiconductor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36