Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ALVC373 Fiches technique(PDF) 4 Page - NXP Semiconductors

No de pièce 74ALVC373
Description  Octal D-type transparent latch 3-state
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVC373 Fiches technique(HTML) 4 Page - NXP Semiconductors

  74ALVC373 Datasheet HTML 1Page - NXP Semiconductors 74ALVC373 Datasheet HTML 2Page - NXP Semiconductors 74ALVC373 Datasheet HTML 3Page - NXP Semiconductors 74ALVC373 Datasheet HTML 4Page - NXP Semiconductors 74ALVC373 Datasheet HTML 5Page - NXP Semiconductors 74ALVC373 Datasheet HTML 6Page - NXP Semiconductors 74ALVC373 Datasheet HTML 7Page - NXP Semiconductors 74ALVC373 Datasheet HTML 8Page - NXP Semiconductors 74ALVC373 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
2002 Feb 26
4
Philips Semiconductors
Product specification
Octal D-type transparent latch; 3-state
74ALVC373
Fig.1 Pin configuration.
handbook, halfpage
OE
Q0
D0
D1
Q1
Q2
D2
D3
Q3
GND
VCC
Q7
D7
D6
Q5
D5
Q6
D4
Q4
LE
1
2
3
4
5
6
7
8
9
10
11
12
20
19
18
17
16
15
14
13
373
MNA185
handbook, halfpage
MNA186
D0
D1
D2
D3
D4
D5
D6
D7
OE
LE
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
11
1
19
16
15
12
9
6
5
2
18
17
14
13
8
7
4
3
Fig.2 Logic symbol.
handbook, halfpage
MNA187
19
16
15
12
9
6
5
11
C1
1
EN
1D
2
18
17
14
13
8
7
4
3
Fig.3 IEE/IEC logic symbol.
handbook, halfpage
MNA184
3-STATE
OUTPUTS
LATCH
1 to 8
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7 19
16
15
12
9
6
5
2
D0
D1
D2
D3
D4
D5
D6
D7
LE
OE
18
11
1
17
14
13
8
7
4
3
Fig.4 Function diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20