Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM106 Fiches technique(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce LM106
Description  Voltage Comparator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM106 Fiches technique(HTML) 2 Page - National Semiconductor (TI)

  LM106 Datasheet HTML 1Page - National Semiconductor (TI) LM106 Datasheet HTML 2Page - National Semiconductor (TI) LM106 Datasheet HTML 3Page - National Semiconductor (TI) LM106 Datasheet HTML 4Page - National Semiconductor (TI) LM106 Datasheet HTML 5Page - National Semiconductor (TI) LM106 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Schematic and Connection Diagrams
DS007756-1
Metal Can
DS007756-2
Note: Pin 4 connected to case.
†Available per SMD# 8003701
Top View
Order Number LM106H,
LM106H/883† or LM306H
See NS Package Number H08A
PrintDate=1997/05/07 PrintTime=10:34:17 6917 ds007756 Rev. No. 1
Proof
2
www.national.com
2



Html Pages

1 2 3 4 5 6