Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM101AH Fiches technique(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
No de pièce LM101AH
Description  Operational Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM101AH Fiches technique(HTML) 9 Page - National Semiconductor (TI)

Back Button LM101AH Datasheet HTML 5Page - National Semiconductor (TI) LM101AH Datasheet HTML 6Page - National Semiconductor (TI) LM101AH Datasheet HTML 7Page - National Semiconductor (TI) LM101AH Datasheet HTML 8Page - National Semiconductor (TI) LM101AH Datasheet HTML 9Page - National Semiconductor (TI) LM101AH Datasheet HTML 10Page - National Semiconductor (TI) LM101AH Datasheet HTML 11Page - National Semiconductor (TI) LM101AH Datasheet HTML 12Page - National Semiconductor (TI) LM101AH Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Typical Applications (Note 9) (Continued)
Application Hints (Note 9)
Although the LM101A is designed for trouble free operation,
experience has indicated that it is wise to observe certain
precautions given below to protect the devices from abnor-
mal operating conditions. It might be pointed out that the ad-
vice given here is applicable to practically any IC op amp, al-
though the exact reason why may differ with different
devices.
Integrator with Bias Current Compensation
DS007752-25
*Adjust for zero integrator drift. Current drift typically 0.1 nA/˚C over −55˚C to +125˚C temperature range.
Protecting Against Gross
Fault Conditions
DS007752-26
*Protects input
†Protects output
‡Protects output — not needed when R4 is used.
Compensating for Stray Input Capacitances
or Large Feedback Resistor
DS007752-27
Isolating Large Capacitive Loads
DS007752-28
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17