Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PT-RX110 Fiches technique(PDF) 15 Page - Panasonic Semiconductor

No de pièce PT-RX110
Description  DLP Projectors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PT-RX110 Fiches technique(HTML) 15 Page - Panasonic Semiconductor

Back Button PT-RX110 Datasheet HTML 10Page - Panasonic Semiconductor PT-RX110 Datasheet HTML 11Page - Panasonic Semiconductor PT-RX110 Datasheet HTML 12Page - Panasonic Semiconductor PT-RX110 Datasheet HTML 13Page - Panasonic Semiconductor PT-RX110 Datasheet HTML 14Page - Panasonic Semiconductor PT-RX110 Datasheet HTML 15Page - Panasonic Semiconductor PT-RX110 Datasheet HTML 16Page - Panasonic Semiconductor PT-RX110 Datasheet HTML 17Page - Panasonic Semiconductor PT-RX110 Datasheet HTML 18Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
15/1 8
SFD16M036
As of August 2016
360°
360°
360°
DLP™ Projector
PT-RX110B/RX110W/RX110LB/RX110LW
Installable angle
Install the projector at an angle within the range shown below.
Vertical 360-deg.
FULL 360-degree projection
Horizontal 360-deg.
Tilting 360-deg.
(V&H combination)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18