Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

Series Fiches technique(PDF) 2 Page - 3M Electronics

No de pièce Series
Description  3M™ EMI/EMC Electronic Materials
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  3M [3M Electronics]
Site Internet  http://www.3m.com
Logo 3M - 3M Electronics

Series Fiches technique(HTML) 2 Page - 3M Electronics

  Series Datasheet HTML 1Page - 3M Electronics Series Datasheet HTML 2Page - 3M Electronics Series Datasheet HTML 3Page - 3M Electronics Series Datasheet HTML 4Page - 3M Electronics Series Datasheet HTML 5Page - 3M Electronics Series Datasheet HTML 6Page - 3M Electronics Series Datasheet HTML 7Page - 3M Electronics Series Datasheet HTML 8Page - 3M Electronics Series Datasheet HTML 9Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Laptop EMI/EMC Solutions
3M Multi-functional EMI
Shielding, Grounding and Heat
Spreading Solutions for LED
and other heat sources device
temperature management
3M™EMI Absorbers
AB5050/AB6005/AB7050
to reduce EMI Noise level within
device or on Flex/Connector
3M™Electrically Conductive
Adhesive Transfer Tape
9707/9709S/9720S/9750
for Flex/PCB grounding and
attachment, grounded parts assembly
versus screws and clips. Lower device
bias, reduce flex EMI interference.
3M EMI Absorbers AB5050/
AB6005/AB7050 to reduce
the EMI noise radiation from
high speed devices like CPU/
MPU/memory. Attach AB
series sheet on the specific
noise source.
3M™ Electrically
Conductive Gasket
ECG-7073 for grounding
and EMI shielding.
End user device
using NFC/RFID
Antenna & 3M Flux
Field Directional
Material (FFDM)
Read
Antenna
Very soft and conformable 3M™ Electrically
Conductive Foam Gasket Materials
MSG-6100 for grounding, gap filling
and EMI shielding
3M™EMI Shielding Foil
and Fabric Tape for
display grounding and
EMI Shielding
• LCD Driver EMI Shielding
• 3M EMI Shielding Foil
Tapes 1170 and 1183
• 3M EMI Shielding Fabric
Tapes CN3490, CN3190
and CEF-3T
3M EMI Absorbers AB7050/AB5100 to reduce
EMI noise within enclosure / EMI Faraday Cage /
Reduce cavity resonance. Attach absorber sheet
on the wall of shielding parts.
3M™Flux Field Directional Materials
EM16TF/RFIC15
for improved NFC & RFID antenna
read range performance.
Less eddy current losses
in surrounding materials.
LCD Module Back Side
Control PCB
Cover Sheet
WI-WAN
Antenna
AB5010
Easy-to-use shielding, absorbing, grounding
and bonding technology for today’s electronics
The continuing trend toward designing electronic devices with smaller
enclosures, denser circuits and higher speeds has made managing
electromagnetic/radio frequency interference (EMI/RFI) and electrostatic
discharge (ESD) a growing challenge for electronics manufacturers.
3M can help you meet that challenge, with a variety of advanced shielding
and grounding solutions designed to help you speed assembly time…
reduce weight…save space…control costs…and give you more design
flexibility. Let 3M help you get connected!
3M EMI Absorbers AB5100/AB7050
to reduce the EMI interference between
LCD back panel and Wi-LWAN antenna



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12