| Moteur de recherche de fiches techniques de composants électroniques |
|
EMI Fiches technique(PDF) 2 Page - 3M Electronics |
|
|
|||||||||||||||||||||||||||||
EMI Fiches technique(HTML) 2 Page - 3M Electronics |
|
2 / 12 page ![]() 2 Laptop EMI/EMC Solutions 3M Multi-functional EMI Shielding, Grounding and Heat Spreading Solutions for LED and other heat sources device temperature management 3M™EMI Absorbers AB5050/AB6005/AB7050 to reduce EMI Noise level within device or on Flex/Connector 3M™Electrically Conductive Adhesive Transfer Tape 9707/9709S/9720S/9750 for Flex/PCB grounding and attachment, grounded parts assembly versus screws and clips. Lower device bias, reduce flex EMI interference. 3M EMI Absorbers AB5050/ AB6005/AB7050 to reduce the EMI noise radiation from high speed devices like CPU/ MPU/memory. Attach AB series sheet on the specific noise source. 3M™ Electrically Conductive Gasket ECG-7073 for grounding and EMI shielding. End user device using NFC/RFID Antenna & 3M Flux Field Directional Material (FFDM) Read Antenna Very soft and conformable 3M™ Electrically Conductive Foam Gasket Materials MSG-6100 for grounding, gap filling and EMI shielding 3M™EMI Shielding Foil and Fabric Tape for display grounding and EMI Shielding • LCD Driver EMI Shielding • 3M EMI Shielding Foil Tapes 1170 and 1183 • 3M EMI Shielding Fabric Tapes CN3490, CN3190 and CEF-3T 3M EMI Absorbers AB7050/AB5100 to reduce EMI noise within enclosure / EMI Faraday Cage / Reduce cavity resonance. Attach absorber sheet on the wall of shielding parts. 3M™Flux Field Directional Materials EM16TF/RFIC15 for improved NFC & RFID antenna read range performance. Less eddy current losses in surrounding materials. LCD Module Back Side Control PCB Cover Sheet WI-WAN Antenna AB5010 Easy-to-use shielding, absorbing, grounding and bonding technology for today’s electronics The continuing trend toward designing electronic devices with smaller enclosures, denser circuits and higher speeds has made managing electromagnetic/radio frequency interference (EMI/RFI) and electrostatic discharge (ESD) a growing challenge for electronics manufacturers. 3M can help you meet that challenge, with a variety of advanced shielding and grounding solutions designed to help you speed assembly time… reduce weight…save space…control costs…and give you more design flexibility. Let 3M help you get connected! 3M EMI Absorbers AB5100/AB7050 to reduce the EMI interference between LCD back panel and Wi-LWAN antenna |