Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PESD3USB3S Fiches technique(PDF) 10 Page - NXP Semiconductors

No de pièce PESD3USB3S
Description  ESD protection for differential data lines
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PESD3USB3S Fiches technique(HTML) 10 Page - NXP Semiconductors

Back Button PESD3USB3S Datasheet HTML 6Page - NXP Semiconductors PESD3USB3S Datasheet HTML 7Page - NXP Semiconductors PESD3USB3S Datasheet HTML 8Page - NXP Semiconductors PESD3USB3S Datasheet HTML 9Page - NXP Semiconductors PESD3USB3S Datasheet HTML 10Page - NXP Semiconductors PESD3USB3S Datasheet HTML 11Page - NXP Semiconductors PESD3USB3S Datasheet HTML 12Page - NXP Semiconductors PESD3USB3S Datasheet HTML 13Page - NXP Semiconductors PESD3USB3S Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
PESDXUSB3S_SER
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 3 — 26 April 2016
10 of 19
NXP Semiconductors
PESDxUSB3S series
ESD protection for differential data lines
7.
Application information
The device is designed to provide high-level ESD protection for differential high-speed
data line pairs such as:
• USB 3.1
• HDMI 2.0
• Transition-Minimized Differential Signaling (TMDS)
• DisplayPort
• external Serial Advanced Technology Attachment (eSATA)
• Low Voltage Differential Signaling (LVDS)
When designing the PCB, give careful consideration to impedance matching and signal
coupling. Do not connect the protected signal lines to unlimited current sources like, for
example, a battery.
Since the SuperSpeed TX/RX lines are separated by GND or VBUS from the Hi-Speed
lines, PESD1USB3S makes it easy to achieve same signal lengths, straight routing, and
optimal positioning for ESD protection directly at the connector.
Fig 14. Application diagram: protecting the differential data lines of a USB Type-C
connector evaluation dongle with PESD1USB3S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19