Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PT-RZ12K Fiches technique(PDF) 12 Page - Panasonic Semiconductor

No de pièce PT-RZ12K
Description  3-Chip DLP??Projector
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PT-RZ12K Fiches technique(HTML) 12 Page - Panasonic Semiconductor

Back Button PT-RZ12K Datasheet HTML 6Page - Panasonic Semiconductor PT-RZ12K Datasheet HTML 7Page - Panasonic Semiconductor PT-RZ12K Datasheet HTML 8Page - Panasonic Semiconductor PT-RZ12K Datasheet HTML 9Page - Panasonic Semiconductor PT-RZ12K Datasheet HTML 10Page - Panasonic Semiconductor PT-RZ12K Datasheet HTML 11Page - Panasonic Semiconductor PT-RZ12K Datasheet HTML 12Page - Panasonic Semiconductor PT-RZ12K Datasheet HTML 13Page - Panasonic Semiconductor PT-RZ12K Datasheet HTML 14Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Display mode
Display
resolution
(dots)
Scanning frequency
H
(kHz)
V
(kHz)
Dot clock
frequency
(MHz)
Format
1280 × 720
1280 × 768
1280 × 768
1280 × 768
1280 × 800
1280 × 800
1280 × 800
1280 × 960
1280 × 1024
1366 × 768
1400 × 1050
1440 × 900
1600 × 1200
1680 × 1050
1920 × 1080
1920 × 1080
1920 × 1080
1920 × 1200
1280 × 960
1280 × 1024
1400 × 1050
1440 × 900
1600 × 1200
1680 × 1050
1920 × 1200
1920 × 1200
1920 × 1200
37.1
44.8
76.3
92.6
39.6
47.8
47.4
60.3
68.6
41.3
49.7
49.3
62.8
71.6
60.0
52.4
64.0
72.3
78.2
80.0
91.1
47.7
39.6
54.1
64.0
65.2
65.3
78.8
82.2
55.9
46.3
75.0
65.3
54.1
55.6
66.6
67.2
61.8
74.0
74.6
49.8
59.9
100.0
120.0
49.9
59.9
60.0
74.9
84.8
50.0
59.8
59.9
74.9
84.9
60.0
50.0
60.0
66.3
72.0
75.0
85.0
59.8
49.9
50.0
60.0
60.0
60.0
72.0
75.0
59.9
49.9
60.0
60.0
50.0
49.9
59.9
60.0
49.9
60.0
59.9
60.5
74.5
131.8
161.6
65.3
79.5
68.3
102.3
117.5
68.0
83.5
71.0
106.5
122.5
108.0
88.0
108.0
125.0
135.1
135.0
157.5
85.5
69.0
99.9
108.0
122.6
121.8
149.3
155.9
106.5
86.8
162.0
146.3
119.5
141.5
138.5
173.0
158.3
154.0
193.3
1280 × 720
1280 × 768
1280 × 800
1366×768
1600 × 900
46.4
55.9
49.9
60.0
96.5
119.0
1600×900
61.8
49.9
131.5
1920×1080
HDMI/DVI-D/RGB
RGB
HDMI/DVI-D/RGB
RGB
*
*
*
*
*
Compliant with VESA CVT-RB (Coordinated Video Timing-Reduced Blanking).
65.3
60.0
121.8
55.6
49.9
141.5
66.6
59.9
138.5
61.8
49.9
158.3
74.0
60.0
154.0
50.0
148.5
60.0
39.6
49.9
69.0
47.7
59.8
85.5
54.1
50.0
99.9
List of simultaneous input 2D compatible signals
The following table specifies the simultaneous input (2D) compatible video signals that the projector can project.
2D compatible signal
Display
resolution
(dots)
Scanning frequency
H
(kHz)
V
(kHz)
Dot clock
frequency
(MHz)
Format
1920 × 1080
1366 × 768
1920 × 1080
56.3
67.5
1080/50p
1080/60p
1366×768
1920×1080
1400 × 1050
1400×1050
HDMI/DVI
1920 × 1200
1920×1200
PT-
RZ12K
3-Chip DLP™ Projector
As of September 2015
12/14
SFD15M030



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14