| Moteur de recherche de fiches techniques de composants électroniques |
|
EMC1053 Fiches technique(PDF) 22 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
EMC1053 Fiches technique(HTML) 22 Page - SMSC Corporation |
|
22 / 28 page ![]() 1°C Triple Temperature Sensor with Resistance Error Correction & Hotter of Two Zones Datasheet Revision 1.44 (04-14-08) 22 SMSC EMC1053 DATASHEET For CPU substrate transistors that require the BJT transistor model, the ideality factor behaves slightly differently than for discrete diode-connected transistors. Refer to Table 4.9 when using a CPU substrate transistor. Table 4.8 Ideality Factor Look Up Table SETTING FACTOR SETTING FACTOR SETTING FACTOR 001000 0.9951 011000 1.0159 101000 1.0377 001001 0.9964 011001 1.0173 101001 1.0391 001010 0.9976 011010 1.0186 101010 1.0404 001011 0.9989 011011 1.0199 101011 1.0418 001100 1.0002 011100 1.0213 101100 1.0432 001101 1.0015 011101 1.0226 101101 1.0446 001110 1.0028 011110 1.0240 101110 1.0460 001111 1.0041 011111 1.0253 101111 1.0475 010000 1.0054 100000 1.0267 110000 1.0489 010001 1.0067 100001 1.0280 110001 1.0503 010010 1.0080 100010 1.0294 010011 1.0093 100011 1.0308 010100 1.0106 100100 1.0321 010101 1.0119 100101 1.0335 010110 1.0133 100110 1.0349 010111 1.0146 100111 1.0363 Table 4.9 Substrate Diode Ideality Factor Look-Up Table (BJT Model) SETTING FACTOR SETTING FACTOR SETTING FACTOR 001000 0.9869 011000 1.0079 101000 1.0291 001001 0.9882 011001 1.0092 101001 1.0304 001010 0.9895 011010 1.0105 101010 1.0317 001011 0.9908 011011 1.0120 101011 1.0330 001100 0.9921 011100 1.0132 101100 1.0343 001101 0.9934 011101 1.0146 101101 1.0356 001110 0.9947 011110 1.0159 101110 1.0369 001111 0.9960 011111 1.0173 101111 1.0382 010000 0.9973 100000 1.0187 110000 1.0395 |