| Moteur de recherche de fiches techniques de composants électroniques |
|
TLP1005AF Fiches technique(PDF) 9 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TLP1005AF Fiches technique(HTML) 9 Page - Toshiba Semiconductor |
|
9 / 10 page ![]() TLP1004A(F),TLP1005A(F) 2004-02-13 9 Positioning Of Shutter And Device To operate correctly, make sure that the shutter and the device are positioned as shown in the figure below. The shit pitch of the shutter must be set wider than the slit width of the device. Determine the width taking the switching time into consideration. A’ A Shutter Unit in mm Sensor center A – A’ Cross section |