| Moteur de recherche de fiches techniques de composants électroniques |
|
STM810TW16F Fiches technique(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM810TW16F Fiches technique(HTML) 12 Page - STMicroelectronics |
|
12 / 18 page ![]() STM809/810/811/812 12/18 Table 5. DC and AC Characteristics Note: 1. Valid for Ambient Operating Temperature: TA = –40 to 85°C; VCC = 1.2V to 5.5V (except where noted). 2. For Active High (RST); VCC = VRST (max) 3. RST output for STM810/812 4. “Glitches” of 100ns or less typically will not generate a RESET pulse. Sym Alter- native Description Test Condition(1) Min Typ Max Unit VCC Operating Voltage TA = –40 to +85°C 1.2 5.5 V TA = 0 to +70°C 1.0 5.5 V ICC VCC Supply Current VCC < 3.6V 5.5 10 µA VCC < 5.5V 715 µA VIH MR Input High Voltage VCC > VRST (max), STM8XXL/M 2.2 V VCC > VRST (max), STM8XXR/S/T 0.7VCC V VIL MR Input Low Voltage VCC > VRST (max), STM8XXL/M 0.8 V VCC > VRST (max), STM8XXR/S/T 0.25VCC V VOL RST Output Low Voltage (Active High(2) or Low) STM8XXR/S/T only, IOL = 1.2mA VCC = VRST (min) 0.3 V STM8XXL/M only, IOL = 3.2mA VCC = VRST (min) 0.4 V VOL RST Output Low Voltage IOL = 50µA; VCC > 1.0V 0.3 V VOH RST Output High Voltage STM8XXR/S/T only, IOH = 500µA 0.8VCC V STM8XXL/M only, IOH = 800µA 0.8VCC V RST Output High Voltage IOH = 150µA, 1.8V < VCC < VRST (min) 0.8VCC V RESET Thresholds VRST Reset Threshold STM8XXL 25°C 4.56 4.63 4.70 V –40 to 85°C 4.50 4.75 V STM8XXM 25°C 4.31 4.38 4.45 V –40 to 85°C 4.25 4.50 V STM8XXT 25°C 3.04 3.08 3.11 V –40 to 85°C 3.00 3.15 V STM8XXS 25°C 2.89 2.93 2.96 V –40 to 85°C 2.85 3.00 V STM8XXR 25°C 2.59 2.63 2.66 V –40 to 85°C 2.55 2.70 V VRST Temperature Coefficient VCC = 3.3V 45 ppm/ C VCC to RST Delay VCC = VRST to (VRST – 100mV) STM8XXL/M 40 µs STM8XXR/S/T 20 µs Push-Button RESET Input tMLMH tMR MR Pulse Width 10 µs tMLRL tMRD MR to RST Output Delay(3) 0.5 µs MR Glitch Immunity(4) 100 ns MR Pull-up Resistance 10 20 30 k Ω trec RST Pulse Width 140 210 280 ms |