Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM810LW16F Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce STM810LW16F
Description  Reset Circuit
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM810LW16F Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button STM810LW16F Datasheet HTML 6Page - STMicroelectronics STM810LW16F Datasheet HTML 7Page - STMicroelectronics STM810LW16F Datasheet HTML 8Page - STMicroelectronics STM810LW16F Datasheet HTML 9Page - STMicroelectronics STM810LW16F Datasheet HTML 10Page - STMicroelectronics STM810LW16F Datasheet HTML 11Page - STMicroelectronics STM810LW16F Datasheet HTML 12Page - STMicroelectronics STM810LW16F Datasheet HTML 13Page - STMicroelectronics STM810LW16F Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
STM809/810/811/812
10/18
MAXIMUM RATING
Stressing the device above the rating listed in the
Absolute Maximum Ratings” table may cause per-
manent damage to the device. These are stress
ratings only and operation of the device at these or
any other conditions above those indicated in the
Operating sections of this specification is not im-
plied. Exposure to Absolute Maximum Rating con-
ditions for extended periods may affect device
reliability. Refer also to the STMicroelectronics
SURE Program and other relevant quality docu-
ments.
Table 3. Absolute Maximum Ratings
Note: 1. Reflow at peak temperature of 255°C to 260°C for < 30 seconds (total thermal budget not to exceed 180°C for between 90 to 150
seconds).
Symbol
Parameter
Value
Unit
TSTG
Storage Temperature (VCC Off)
–55 to 150
°C
TSLD
(1)
Lead Solder Temperature for 10 seconds
260
°C
VIO
Input or Output Voltage
–0.3 to VCC +0.3
V
VCC
Supply Voltage
–0.3 to 7.0
V
IO
Output Current
20
mA
PD
Power Dissipation
320
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18