| Moteur de recherche de fiches techniques de composants électroniques |
|
STV2239H Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV2239H Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 86 page ![]() April 2004 1/86 STV224XH/228XH/223XH I²C BUS-CONTROLLED MULTISTANDARD SINGLE CHIP TV PROCESSOR ■ I²C Bus Control ■ PIF Circuit with PLL Demodulation (Positive and Negative Video) ■ SIF Circuit with QSS Structure, FM Demodulation and AM Demodulation for France ■ Intercarrier Capability ■ Built-in Sound Bandpass ■ Sound Subcarrier Output for Stereo Chassis (FM, NICAM) ■ Audio FM wide mode ■ Audio Switch and Volume Control (Mono Chassis) ■ AVL (Automatic Volume Levelling) ■ Integrated Chroma Filters and Luma Delay Line ■ Integrated Chroma Delay Line ■ Video Switch (3 CVBS In, 2 CVBS Out) ■ SVHS Switch (Y Combined with CVBS3 Input) ■ OSD RGB Inputs ■ External RGB/YCrCb Inputs or YUV Interface ■ PAL / SECAM / NTSC Chroma Demodulators ■ Auto Flesh Control Capability in NTSC mode ■ South America Capability (PAL-M / PAL-N / NTSC) ■ Chroma Subcarrier Output ■ Black Stretch Circuit ■ Peaking Circuit ■ Automatic Cut-off Current Loop ■ Manual Cut-off possible for low-cost applications ■ Two Horizontal Deflection PLLs ■ Vertical Countdown ■ Half Contrast ■ APR (Automatic RGB Peak Regulation) or RGB Peak Limitation Function ■ White Insertion ■ Copy Protection mode ■ Wide Line Blanking mode ■ SAW Filter Switch Control (TQFP64 package only) ■ Very Few External Components TQFP64 (14 x 14 x 1.4 mm) (Full Thin Plastic Quad Flat Pack) ORDER CODE: STV223XH SHRINK56 (Plastic Package) ORDER CODE: STV224XH/8XH 1 |
Numéro de pièce similaire - STV2239H |
|
Description similaire - STV2239H |