| Moteur de recherche de fiches techniques de composants électroniques |
|
STM810TWX6F Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM810TWX6F Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 18 page ![]() 1/18 November 2004 STM809, STM810 STM811, STM812 Reset Circuit FEATURES SUMMARY ■ PRECISION MONITORING OF 3V, 3.3V, and 5V SUPPLY VOLTAGES ■ TWO OUTPUT CONFIGURATIONS – Push-pull RST Output (STM809/811) – Push-pull RST Output (STM810/812) ■ 140ms RESET PULSE WIDTH (MIN) ■ LOW SUPPLY CURRENT - 6µA (TYP) ■ GUARANTEED RST/RST ASSERTION DOWN TO VCC = 1.0V ■ OPERATING TEMPERATURE: –40°C to 85°C (Industrial Grade) ■ LEAD-FREE, SMALL SOT23 and SOT143 PACKAGE Table 1. Device Options Figure 1. Packages Active- Low RESET Active- High RESET Manual RESET Input Package STM809 ✔ SOT23-3 STM810 ✔ SOT23-3 STM811 ✔✔ SOT143-4 STM812 ✔✔ SOT143-4 SOT23-3 (WX) SOT143-4 (W1) |
Numéro de pièce similaire - STM810TWX6F |
|
Description similaire - STM810TWX6F |