Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STV9118 Fiches technique(PDF) 44 Page - STMicroelectronics

No de pièce STV9118
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9118 Fiches technique(HTML) 44 Page - STMicroelectronics

Back Button STV9118 Datasheet HTML 38Page - STMicroelectronics STV9118 Datasheet HTML 39Page - STMicroelectronics STV9118 Datasheet HTML 40Page - STMicroelectronics STV9118 Datasheet HTML 41Page - STMicroelectronics STV9118 Datasheet HTML 42Page - STMicroelectronics STV9118 Datasheet HTML 43Page - STMicroelectronics STV9118 Datasheet HTML 44Page - STMicroelectronics STV9118 Datasheet HTML 45Page - STMicroelectronics STV9118 Datasheet HTML 46Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 44 / 46 page
background image
STV9118
44/46
12 - PACKAGE MECHANICAL DATA
32 PINS - PLASTIC SHRINK
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
3.556
3.759
5.080
0.140
0.148
0.200
A1
0.508
0.020
A2
3.048
3.556
4.572
0.120
0.140
0.180
B
0.356
0.457
0.584
0.014
0.018
0.023
B1
0.762
1.016
1.397
0.030
0.040
0.055
C
.203
0.254
0.356
0.008
0.010
0.014
D
27.43
27.94
28.45
1.080
1.100
1.120
E
9.906
10.41
11.05
0.390
0.410
0.435
E1
7.620
8.890
9.398
0.300
0.350
0.370
e
1.778
0.070
eA
10.16
0.400
eB
12.70
0.500
L
2.540
3.048
3.810
0.100
0.120
0.150
eA
eB
E1
E
D
32
17
16
1
Stand-off
e
B1
B
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46